PART |
Description |
Maker |
MBRD360T4 MBRD360G MBRD360 MBRD360RLG MBRD340G MBR |
SWITCHMODE Power Rectifiers 3A 60V Schottky Rectifier 3A 30V Schottky Rectifier 3A 50V Schottky Rectifier 3A 40V Schottky Rectifier 3A 20V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
1N5822RL 1N5820RL 1N5821RL |
3A 40V Schottky Rectifier 3A 20V Schottky Rectifier 3A 30V Schottky Rectifier
|
ON Semiconductor
|
CH250S0080 |
SCHOTTKY RECTIFIER FET PROTECTION DIE From old datasheet system RECTIFIER DIODE,SCHOTTKY,CHIP
|
MICROSEMI[Microsemi Corporation]
|
CPD81 |
Chip Form: SILICON SCHOTTKY DIODE Schottky Rectifier 5 Amp Schottky Barrier Rectifier Chip
|
Central Semiconductor Corp
|
MBR120VLSFT1 MBR120VLSFT3 |
1A 20V Schottky Rectifier Surface Mount Schottky Power Rectifier From old datasheet system
|
ON Semiconductor
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
CRSH3 CRSH3-2 CRSH3-3 CRSH3-4 CRSH3-5 CRSH3-6 |
Leaded Rectifier Schottky SCHOTTKY BARRIER RECTIFIER 3.0 AMPS, 20 THRU 60 VOLTS
|
Central Semiconductor Corp
|
SMBSR106 SMB5817 SMB5819 SMB5818 SMBSR108 |
(SMBSR105 - SMBSR1010) 1A Schottky Rectifier (SMB5817 - SMB5819) 1A Schottky Rectifier
|
Microsemi
|
U1GWJ2C49 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE SWITCHING MODE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
WP05R WP05R24D05 WP05R24D12 WP05R24D15 WP05R24S03 |
5 Watt Regulated Small Package DC/DC Converter 5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 1A 20V 22A-Ifsm 0.36Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 33A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 20V 40A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 75A-Ifsm 0.45Vf 0.2A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 60V 50A-Ifsm 0.5Vf 0.1A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
DSSK48-0025B |
Power Schottky Rectifier with common cathode 25 A, 25 V, SILICON, RECTIFIER DIODE, TO-220AB PLASTIC PACKAGE-3 Silicon Schottky Diodes
|
IXYS Corporation IXYS, Corp.
|
DSSK50-01A |
Power Schottky Rectifier with common cathode 25 A, 100 V, SILICON, RECTIFIER DIODE, TO-247AD Silicon Schottky Diodes
|
IXYS, Corp. IXYS Corporation
|